PART |
Description |
Maker |
NTP85N03 NTB85N03 NTB85N03T4 |
Power MOSFET 85 Amps / 28 Volts Power MOSFET 85 Amps, 28 Volts N-Channel TO-220(85A,28V,N通道,TO-220封装的功率MOSFET)
|
ONSEMI[ON Semiconductor]
|
NTF3055-160T1 NTF3055-160T3 NTF3055-160T3LF NTF305 |
TRANSISTOR|MOSFET|N-CHANNEL|60VV(BR)DSS|2AI(D)|SOT-223
From old datasheet system Power MOSFET 2.0 Amps, 60 Volts N?Channel SOT23(2A,60V逻辑电平,N通道,SOT-223封装的功率MOSFET) Power MOSFET 2.0 Amps, 60 Volts N-Channel SOT-223 2 A, 60 V, 0.16 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261
|
ONSEMI[ON Semiconductor]
|
NTMD3P03R2-D NTMD3P03R2 NTMD3P03R2/D |
Power MOSFET -3.05 Amps-30 Volts Power MOSFET -3.05 Amps, -30 Volts Dual P?Channel SO(-3.05 A, -30 V,双P通道,SO-8封装的功率MOSFET) Power MOSFET -3.05 Amps, -30 Volts Dual P-Channel SO-8
|
ON Semiconductor
|
NTMD2C02R2 |
Power MOSFET 2 Amps / 20 Volts Power MOSFET 2 Amps, 20 Volts, Complimentary SO-8, Dual
|
ONSEMI[ON Semiconductor]
|
MGSF2N02E MGSF2N02ELT1 MGSF2N02ELT1G MGSF2N02ELT3 |
2.8 Amps, 20 Volts, N−Channel SOT−23 2.8 A, 20 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-236AB 2.8 Amps, 20 Volts, N-Channel SOT-23 2.8 Amps, 20 Volts, N−Channel SOT−23 Power MOSFET 2.8 Amps, 20 Volts
|
ONSEMI[ON Semiconductor]
|
NTB45N06L NTP45N06LG |
Power MOSFET 45 Amps, 60 Volts, Logic Level; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts, Logic Level, N-Channel TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts Logic Level, N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTB75N03-06T4G NTB75N03-06G NTB75N03-006 NTB75N03- |
75 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 418AA-01, D2PAK-3 Power MOSFET 75 Amps, 30 Volts
|
ON Semiconductor
|
NTP75N06 NTP75N06D NTP75N06G NTB75N06 NTB75N06G NT |
Power MOSFET 75 A, 60 V, 0.0095 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 75 Amps, 60 Volts
|
ONSEMI[ON Semiconductor]
|
NTTD1P02R2G NTTD1P02R206 NTTD1P02R2 |
Power MOSFET -1.45 Amps, -20 Volts
|
ONSEMI[ON Semiconductor]
|
NTP27N06G NTP27N06L |
Power MOSFET 27 Amps, 60 Volts
|
ON Semiconductor
|
NVMFS5C612NLWFT1G |
Power MOSFET 4 Amps, 20 Volts
|
ON Semiconductor
|
|